Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download TC74VCX138FT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX138FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX138FT, TC74VCX138FK
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
The TC74VCX138 is a high performance CMOS 3-to-8 decoder which is guaranteed to operate from 1.2-V to 3.6-V. Designed for use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high speed operation while maintaining the CMOS low power dissipation. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. When the device is enabled, 3 binary select inputs (A, B and C) determine which one of the outputs (Y0 - Y0) will go low. When enable input G1 is held low or either G2A or G2B is held high, decoding function is inhibited and all outputs go high. G1, G2A and G2B inputs are provided to ease cascade connection and for use as an address decoder for memory systems. All inputs are equipped with protection circuits against static discharge.
TC74VHC138F
TC74VCX138FK
Features
* * Low voltage operation: VCC = 1.2~3.6 V High speed operation: tpd = 3.5 ns (max) (VCC = 3.0~3.6 V) tpd = 4.1 ns (max) (VCC = 2.3~2.7 V) tpd = 8.2 ns (max) (VCC = 1.65~1.95 V) tpd = 16.4 ns (max) (VCC = 1.4~1.6 V) tpd = 41.0 ns (max) (VCC = 1.2 V) * * 3.6 V tolerant inputs and outputs. Output current: IOH/IOL = 24 mA (min) (VCC = 3.0 V) IOH/IOL = 18 mA (min) (VCC = 2.3 V) IOH/IOL = 6 mA (min) (VCC = 1.65 V) IOH/IOL = 2 mA (min) (VCC = 1.4V) * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP and VSSOP (US) Power down protection is provided on all inputs and outputs. Weight TSSOP16-P-0044-0.65A VSSOP16-P-0030-0.50 : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-19
TC74VCX138FT/FK
Pin Assignment (top view)
A B C G2A G2B G1 Y7 GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC
Y0
Y1 Y2
Y3
Y4 Y5
Y6
IEC Logic Symbol
Bin/Oct A B C G1
G2A G2B
1 2 3 6 4 5
1 2 4 & EN
0 1 2 3 4 5 6 7
15 14 13 12 11 10 9 7
Y0
Dmux A B C G1
G2A G2B
Y1 Y2
Y3
1 2 3 6 4 5
0 G 2 &
0 7
0 1 2 3 4 5 6 7
15 14 13 12 11 10 9 7
Y0
Y1 Y2
Y3
Y4
Y5 Y6
Y4
Y5 Y6
Y7
Y7
Truth Table
Inputs Enable G1
G2 A
Outputs Select
Selected Output
G 2B
X X H L L L L L L L L
C
X X X L L L L H H H H
B
X X X L L H H L L H H
A
X X X L H L H L H L H
Y0
H H H L H H H H H H H
Y1 H H H H L H H H H H H
Y2 H H H H H L H H H H H
Y3 H H H H H H L H H H H
Y4 H H H H H H H L H H H
Y5 H H H H H H H H L H H
Y6 H H H H H H H H H L H
Y7 H H H H H H H H H H L None None None Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
L X X H H H H H H H H
X H X L L L L L L L L
X: Don't care
2
2007-10-19
TC74VCX138FT/FK
System Diagram
15 14 A 1 13 12 Select inputs B 2 11 10 C 3 9 7 Enable inputs
G2 A G 2B
Y0
Y1 Y2
Y3
Y4
Data outputs
Y5 Y6
Y7
4 5 6
G1
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating
-0.5~4.6 -0.5~4.6 -0.5~4.6 (Note 2) -0.5~VCC + 0.5 (Note 3) -50 50 50
Unit V V V mA (Note 4) mA mA mW mA C
180
100 -65~150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCC = 0 V Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
3
2007-10-19
TC74VCX138FT/FK
Operating Ranges (Note 1)
Characteristics Supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 1.2~3.6
-0.3~3.6
Unit V V (Note 2) (Note 3) (Note 4) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA V
0~3.6 0~VCC
24
Output current
IOH/IOL
18 6 2
Operating temperature Input rise and fall time
Topr dt/dv
-40~85
0~10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state Note 4: VCC = 3.0~3.6 V Note 5: VCC = 2.3~2.7 V Note 6: VCC = 1.65~1.95 V Note 7: VCC = 1.4~1.6V Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V
Electrical Characteristics
< DC Characteristics (Ta = -40~85C, 2.7 V < VCC = 3.6 V)
Characteristics High level Low level Symbol VIH VIL Test Condition

VCC (V) 2.7~3.6 2.7~3.6 2.7~3.6 2.7 3.0 3.0 2.7~3.6 2.7 3.0 3.0 2.7~3.6 0 2.7~3.6 2.7~3.6 2.7~3.6
Min 2.0
Max
Unit
Input voltage
0.8

V
IOH = -100 A High level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A Low level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA IOL = 24 mA Input leakage current Power off leakage current Quiescent supply current Increase in ICC per input IIN IOFF ICC
ICC
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 A A
VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = = VIH = VCC - 0.6 V
10.0 20.0
20.0
A
750
4
2007-10-19
TC74VCX138FT/FK
< < DC Characteristics (Ta = -40~85C, 2.3 V = VCC = 2.7 V)
Characteristics High level Low level Symbol VIH VIL Test Condition

VCC (V) 2.3~2.7 2.3~2.7 2.3~2.7 2.3 2.3 2.3 2.3~2.7 2.3 2.3 2.3~2.7 0 2.3~2.7 2.3~2.7
Min 1.6
Max
Unit
Input voltage
0.7

V
IOH = -100 A High level Output voltage VOH VIN = VIH or VIL IOH = -6 mA IOH = -12 mA IOH = -18 mA IOL = 100 A Low level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA Input leakage current Power off leakage current Quiescent supply current IIN IOFF ICC VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
VCC - 0.2 2.0 1.8 1.7

V
0.2 0.4 0.6
5.0 A A A
10.0 20.0
20.0
< DC Characteristics (Ta = -40~85C, 1.65 V = VCC < 2.3 V)
Characteristics Symbol Test Condition

VCC (V) 1.65~2.3 1.65~2.3
Min 0.65 x VCC
Max
Unit
High level Input voltage Low level
VIH VIL
0.2 x VCC

V
High level Output voltage Low level Input leakage current Power off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -6 mA
1.65~2.3 1.65 1.65~2.3 1.65 1.65 0 1.65~2.3 1.65~2.3
VCC - 0.2 1.25

V
VOL IIN IOFF ICC
VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
IOL = 100 A IOL = 6 mA
0.2 0.3
5.0 A A A
10.0 20.0
20.0
5
2007-10-19
TC74VCX138FT/FK
< DC Characteristics (Ta = -40~85C, 1.4V = VCC < 1.65V)
Characteristics Symbol Test Condition

VCC (V) 1.4~1.65 1.4~1.65
Min 0.65 VCC
Max
Unit
High level Input voltage Low level
VIH VIL
0.05 x VCC

V
High level Output voltage Low level Input leakage current Power off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -2 mA
1.4~1.65 1.4 1.4~1.65 1.4 1.4~1.65 0 1.4~1.65 1.4~1.65
VCC - 0.2 1.05

V
VOL IIN IOFF ICC
VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
IOL = 100 A IOL = 2 mA
0.05 0.3
5.0 A A A
10.0 20.0
20.0
< DC Characteristics (Ta = -40~85C, 1.2 V = VCC < 1.4 V)
Characteristics Symbol Test Condition

VCC (V) 1.2~1.4 1.2~1.4 1.2 1.2 1.2 0 1.2 1.2
Min 0.8 x VCC
Max
Unit
High level Input voltage Low level High level Low level Input leakage current Power off leakage current Quiescent supply current
VIH VIL VOH VOL IIN IOFF ICC VIN = VIH or VIL VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
0.05 x VCC
V
Output voltage
IOH = -100 A IOL = 100 A
VCC - 0.1

V
A A A
0.05
5.0
10.0 20.0
20.0
6
2007-10-19
TC74VCX138FT/FK
AC Characteristics (Ta = -40~85C, Input: tr = tf = 2.0 ns) (Note)
Characteristics Symbol Test Condition VCC (V) 1.2 1.4 0.1 1.8 0.15 CL = 30 pF, RL = 500 2.5 0.2 3.3 0.3 CL = 15 pF, RL = 2 k Propagation delay time (G1- Y ) tpLH tpHL Figure 1, Figure 2 CL = 30 pF, RL = 500 1.2 1.4 0.1 1.8 0.15 2.5 0.2 3.3 0.3 CL = 15 pF, RL = 2 k Propagation delay time ( G2 - Y ) tpLH tpHL Figure 1, Figure 2 CL = 30 pF, RL = 500 1.2 1.4 0.1 1.8 0.15 2.5 0.2 3.3 0.3 Min 3.0 2.0 1.5 0.8 0.6 3.0 2.0 1.5 0.8 0.6 3.0 2.0 1.5 0.8 0.6 Max 41.0 16.4 8.2 4.1 3.5 41.0 16.4 8.2 4.1 3.5 41.0 16.4 8.2 4.1 3.5 ns ns ns Unit
CL = 15 pF, RL = 2 k Propagation delay time (A, B, C- Y ) tpLH tpHL Figure 1, Figure 2
Note:
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Dynamic Switching Characteristics (Ta = 25C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VIH = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOHV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) VCC (V) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 Typ. 0.25 0.6 0.8
-0.25 -0.6 -0.8
Unit
V
V
1.5 1.9 2.2 V
Note:
This parameter is guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Power dissipation capacitance Symbol CIN CPD fIN = 10 MHz Test Condition
VCC (V) 1.8, 2.5, 3.3 (Note) 1.8, 2.5, 3.3
Typ. 6 40
Unit pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
7
2007-10-19
TC74VCX138FT/FK
AC Test Circuit
Output
CL RL
Measure
VCC Symbol 3.3 0.3 V 2.5 0.2 V 1.8 0.15 V 500 30 pF 1.5 0.1 V 1.2V 2 k 15 pF
RL CL
Figure 1 AC Waveform
tf 2.0 ns Input 10% tr 2.0 ns 90% VM VIH
Output (Y) tpLH, tpHL
VOH VM tpHL, tpLH VOL
Symbol VIH VM
VCC 3.3 0.3 V 2.7 V 1.5 V 2.5 0.2 V VCC VCC/2 1.8 0.15 V VCC VCC/2 1.5 0.1 V VCC VCC/2 1.2 V VCC VCC/2
Figure 2 tpLH, tpHL
8
2007-10-19
TC74VCX138FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
9
2007-10-19
TC74VCX138FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
10
2007-10-19
TC74VCX138FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
11
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX138FT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X